Part Number Hot Search : 
MV3507DG 74HC54 IRLI530N N6068 718VZM PC4004D IRGC2 06300
Product Description
Full Text Search
 

To Download LED15-48S12W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES * 15 WATTS MAXIMUM OUTPU POWER * SINGLE OUTPUT UP TO 4A * SMALL SIZE AND LOW PROFILE1.10 x 0.94 x 0.34 INCH * HIGH EFFICIENCY UP TO 87% * 4:1 ULTRA WIDE INPUT VOLTAGE RANGE * FIXED SWITCHING FREQUENCY * INPUT TO OUTPUT ISOLATION (BASIC INSULATION) * INDUSTRY STANDARD PIN-OUT FEC15 SERIES COMPATIBLE * SURFACE-MOUNT OR THROUGH-HOLE * COST EFFICIENT OPEN FRAME DESIGN * CE MARK MEETS 2006/95/EC, 93/68/EEC AND 2004/108/EC * UL60950-1, EN60950-1 AND IEC60950-1 LICENSED * ISO9001 CERTIFIED MANUFACTURING FACILITIES * COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC
APPLICATIONS Wireless Network Telecom/Datacom Industry Control System Measurement Equipment Semiconductor Equipment
OPTIONS
Positive logic Remote On/Off, SMD type, Without trim, without On/Off pin
DESCRIPTION
LED15W single output DC/DC converters provide up to 15 watts of output power in an industry standard package and footprint. These units are specifically designed to meet the power needs of low profile. All models feature with 4:1 ultra wide input voltage of 9-36 VDC and 18-75 VDC, comprehensively protected against over-current, over-voltage and input under-voltage protection conditions, and trimmable output voltage.
T E C H N I C A L S P E C I F I C AT I O N
OUTPUT SPECIFICATIONS
Output power Voltage accuracy Full load and nominal Vin
All specifications are typical at nominal input, full load and 25C otherwise noted
INPUT SPECIFICATIONS
15 Watts Input voltage range 24V nominal input 48V nominal input 24V input 48V input 9 - 36VDC 18 - 75VDC 50VDC 100VDC
1% Input surge voltage 100mS max Minimum load 0% Input reflected ripple Nominal Vin and full load 30mAp-p current Voltage adjustability (Note 6) 10% Nominal Vin and Power up 30mS, max. Start up time constant resistive load Remote ON/OFF 30mS, max. Line regulation LL to HL at Full Load 0.2% 24V input 9VDC Start-up voltage 0.2% 48V input 18VDC Load regulation No Load to Full Load 24V input 8VDC 20MHz bandwidth See table Shutdown voltage Ripple and noise 48V input 16VDC (Measured with a 1F M/C and a 10FT/C) Remote ON/OFF (Note 7) 0.02% / C, max. Positive logic(Option) Temperature coefficient DC-DC ON Open or 3 V < Vr < 15V DC-DC OFF Short or 0V < Vr < 1.2V Transient response recovery time 25% load step change 250S Negative logic(Standard) DC-DC ON Short or 0V < Vr < 1.2V 3.3V output 3.7VDC-5.4VDC DC-DC OFF Open or 3V < Vr < 15V Over voltage protection 5V output 5.6VDC-7.0VDC Input current of remote control pin Nominal Vin -0.5mA~1.0mA (Voltage clamped) 12V output 13.8VDC-17.5VDC Remote off state input current Nominal Vin 2.5 mA 15V output 16.8VDC-20.5VDC Over load protection Short circuit protection % of FL at nominal input 150%,typ.
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature Storage temperature range -40 to +85 (with derating) -55C ~ +125C MIL-STD-810F MIL-STD-810F 5% to 95% RH
Hiccup, automatics recovery
GENERAL SPECIFICATIONS
Efficiency Isolation voltage Isolation resistance Isolation capacitance Switching frequency Approvals and standard Dimensions Weight MTBF (Note 1) BELLCORE TR-NWT-000332 MIL-HDBK-217F 3.3V,5V 12V,15V Input to Output (Basic Insulation)
See table Thermal shock 2250VDC, min. Vibration 10 ohms, min. Relative humidity 1500pF, max.
9
EMC CHARACTERISTICS
EN55022 EN61000-4-3 10 V/m 2KV 1KV 3 Vr.m.s Class A Perf. Criteria A Perf. Criteria A Perf. Criteria A Perf. Criteria A
350KHz EMI (Note 8) 400KHz
IEC60950-1, UL60950-1, EN60950-1 Radiated immunity
1.10 X 0.94 X 0.34 Inch Fast transient (Note 9) EN61000-4-4 (27.9 X 23.9 X 8.5 mm) 10.5g(0.36oz) Surge (Note 9) 1.322x10 hrs Conducted immunity 5 5.147x10 hrs
6
EN61000-4-5 EN61000-4-6
Page 1 of 3
Issued Date2008/05/21
Model Number
LED15-24S3P3W LED15-24S05W LED15-24S12W LED15-24S15W LED15-48S3P3W LED15-48S05W LED15-48S12W LED15-48S15W
Input Range
9 - 36 VDC 9 - 36 VDC 9 - 36 VDC 9 - 36 VDC 18 - 75 VDC 18 - 75 VDC 18 - 75 VDC 18 - 75 VDC
Output Voltage
3.3 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC
Output Current
Min. Load 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA Full Load 4000mA 3000mA 1300mA 1000mA 4000mA 3000mA 1300mA 1000mA
Output (4) Ripple & Noise
100mVp-p 100mVp-p 100mVp-p 100mVp-p 100mVp-p 100mVp-p 100mVp-p 100mVp-p
Input Current
No Load 60mA 70mA 10mA 10mA 40mA 40mA 10mA 10mA
(3)
Full Load 680mA 754mA 793mA 763mA 340mA 377mA 397mA 382mA
(2)
Eff (4) Capacitor (5) (%) Load max
85 87 86 86 85 87 86 86 1000F 1000F 330F 220F 1000F 1000F 330F 220F
Note
1. 2. 3. 4. 5. 6. 7. 8. 9. BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40C. MIL-HDBK-217F Notice2 @Ta=25 C, Full load(Ground, Benign, controlled environment) Maximum value at nominal input voltage and full load. Typical value at nominal input voltage and no load. Typical value at nominal input voltage and full load. Test by minimum Vin and constant resistive load. Trimming allows the user to increase or decrease the output voltage set point of the module. This is accomplished by connecting an external resistor between the TRIM pin and either the +VOUT pin or the -VOUT pin. The ON/OFF control pin voltage is reference to -Vin. The order number please see product standard table. The LED15W meets EN55022 class A and class B only with external components connected before the input pin to the converter. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220F/100V, ESR 48m.
1. All dimensions in Inches (mm) Tolerance: X.XX0.02 (X.X0.5) X.XXX0.01 (X.XX0.25) 2. Pin pitch tolerance 0.01(0.25) 3. Pin dimension tolerance 0.004 (0.1)
PRODUCT STANDARD TABLE
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed by using the method shown below. Option Negative remote ON/OFF with DIP(Standard) Negative remote ON/OFF with SMT Positive remote ON/OFF with DIP Positive remote ON/OFF with SMT DIP type without ON/OFF pin SMT type without ON/OFF pin DIP type,negative remote ON/OFF without TRIM pin SMT type,negative remote ON/OFF without TRIM pin DIP type without ON/OFF&TRIM pin SMT type without ON/OFF&TRIM pin DIP type,positive remote ON/OFF without TRIM pin SMT type,positive remote ON/OFF without TRIM pin Page 2 of 3 Issued Date2008/05/21 Suffix -A -B -C -D -E -F -G -H -I -J -K
PIN CONNECTION
PIN 1 2 3 4 5 6 LED15W SERIES + INPUT - INPUT ON/OFF +VOUT TRIM -VOUT
TRIM UP
TRIM DOWN
6
5
RU
5 4
RD
LED15-48S05W Derating Curve
OUTPUT POWER(%)
120 100 80 60 40 20 0 0 20 40 60
76 80
100
120
Ambient Temperature()
Recommended Filter for EN55022 Class B Compliance
LED15-48S05W Efficiency VS Input Voltage
92
The components used in the above figure, together with the manufacturers' part numbers for these components, are as follows:
C1
LED1524xxxW LED1548xxxW N/A
EFFICIENCY(%)
90 88 86 84 82 80
C2 & C3 & C4
6.8F/50V 1812 MLCC 2.2F/100V 1812 MLCC
C5 & C6
470pF/3KV 1808 MLCC 470pF/3KV 1808 MLCC
L1
145H Common Choke PMT-051 325H Common Choke PMT-050
L2
10H SMD Inductor PMT-070 33H SMD Inductor PMT-069
18
24
30
36
42
48
54
60
66
72
2.2F/100V 1812 MLCC
INPUT VOLTAGE (V)
LED15-48S05W Efficiency VS Output Load
95 90 85 80 75 70 65 60 55 50 45 10 20 30 40 50 60 70 80 90 100
EFFICIENCY(%)
OUTPUT LOAD (% of Full Load)
Recommended EN55022 Class B Filter Circuit Layout
Page 3 of 3
Issued Date2008/05/21


▲Up To Search▲   

 
Price & Availability of LED15-48S12W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X